PART |
Description |
Maker |
PI74FCT162Q245CT PI74FCT162Q245T PI74FCT162Q245AT |
Fast,low noise CMOS 16-bit bidirectional transceiver Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation]
|
IDT54FCT22 IDT54FCT2245AT IDT54FCT2245ATD IDT54FCT |
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS FCT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20 FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS FCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, CDFP20 FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS 快速CMOS八路双向收发 CAP 0.47UF 16V 80-20% Y5V SMD-0805 TR-7-PL SN-NIBAR 快速CMOS八路双向收发 CAP 0.22UF 50V 80-20% Z5U SMD-1210 TR-7-PL SN-NIBAR 快CMOS八路双向收发 Multilayer Ceramic Chip Capacitor; 1.0uF, 25V, Y5V, SMD-1206 ; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CAP 1.5UF 25V 10% X7R SMD-1210 TR-7-PL SN-NIBAR CAP 0.15UF 50V 5% X7R SMD-1210 TR-7-PL SN-NIBAR
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog... Integrated Device Techn...
|
IDT74FCT163245C IDT74FCT163245A |
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
|
IDT
|
74ALVC2245 74ALVC2245MTC 74ALVC2245WM 74ALVC2245MT |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26?Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in B Outputs BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|TSSOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|SOP|20PIN|PLASTIC Dual J-K Negative-Edge-Triggered Flip-Flops With Clear and Preset 16-PDIP -40 to 85 ALVC/VCX/A SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation 总线收发 Fairchild Semiconductor, Corp.
|
IDT74FCT16245ET IDT74FCT16245CT IDT74FCT16245AT ID |
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
|
IDT
|
74FCT164245TPVG IDT74FCT164245TPVG |
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
|
Integrated Device Techn...
|
QS74FCT16245T |
High Speed CMOS 16 Bit Bidirectional Transceivers
|
Quality
|
UT54ACS162245SLVUCC UT54ACS162245SLVUCA UT54ACS162 |
Schmitt CMOS 16-bit Bidirectional MultiPurpose Low Voltage Transceiver
|
Aeroflex Circuit Techno...
|
CD74HCT194 CD54HC194 CD74HCT194E |
High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
|
Vectron International, Inc
|
KK74ACT323DW KK74ACT323N KK74ACT323 |
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
KK74HC323A |
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
CD74HCT194E |
<font color=red>[Old version datasheet]</font> High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
|
TI store
|